Part Number Hot Search : 
GRM188R X9522 2SC4617 DTC143TM MIC811U AUIRF7 1N4002 T1501
Product Description
Full Text Search
 

To Download L2SC3356LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
LESHAN RADIO COMPANY, LTD.
L2SC3356LT1
3
DESCRIPTION
The L2SC3356LT1 is an NPN silicon epitaxial transistor designed for low noise amplifier at VHF, UHF and CATV band. It has dynamic range and good current characteristic.
1 2
SOT-23
FEATURES
* Low Noise and High Gain NF = 1.1 dB TYP., Ga = 11 dB TYP. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz * High Power Gain MAG = 13 dB TYP. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25 C)
Collector to Base Voltage Collector to Emitter Voltage Emitter to Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature VCBO VCEO VEBO IC PT Tj Tstg
65
20 12 3.0 100 200 150 to +150
V V V mA mW
C C
ELECTRICAL CHARACTERISTICS (TA = 25 C)
CHARACTERISTIC Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain Bandwidth Product Feed-Back Capacitance Insertion Power Gain Noise Figure SYMBOL ICBO IEBO hFE fT Cre** 82 170 7 0.55
2
MIN.
TYP.
MAX. 1.0 1.0 270
UNIT
TEST CONDITIONS VCB = 10 V, IE = 0 VEB = 1.0 V, IC = 0 VCE = 10 V, IC = 20 mA
A A
GHz 1.0 pF dB 2.0 dB
VCE = 10 V, IC = 20 mA VCB = 10 V, IE = 0, f = 1.0 MHz VCE = 10 V, IC = 20 mA, f = 1.0 GHz VCE = 10 V, IC = 7 mA, f = 1.0 GHz
S21e
NF
11.5 1.1
*
Pulse Measurement PW 350 s, Duty Cycle 2 %
** The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance bridge.
Driver Marking L2SC3356LT1=R24
L2SC3356LT1-1/4
LESHAN RADIO COMPANY, LTD.
TYPICAL CHARACTERISTICS (TA = 25 C)
TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE 2 FEED-BACK CAPACITANCE vs. COLLECTOR TO BASE VOLTAGE
PT-Total Power Dissipation-mW
200
Cre-Feed-back Capacitance-pF
Free Air
f = 1.0 MHz
1
100
0.5
0
50
100
150
0.3 0
0.5
1
2
5
10
20
30
TA-Ambient Temperature-C DC CURRENT GAIN vs. COLLECTOR CURRENT 200 VCE = 10 V 15
VCB-Collector to Base Voltage-V INSERTION GAIN vs. COLLECTOR CURRENT
hFE-DC Current Gain
100
|S21e|2-Insertion Gain-dB
10
50
5 VCE = 10 V f = 1.0 GHz 1 5 10 50 70 IC-Collector Current-mA
20
10 0.5
1
5
10
50
0 0.5
IC-Collector Current-mA
GAIN BANDWIDTH PRODUCT vs. COLLECTOR CURRENT 10
INSERTION GAIN, MAXIMUM GAIN vs. FREQUENCY Gmax
fT-Gain Bandwidth Product-MHz
3.0 2.0 1.0 0.5 0.3 0.2 VCE = 10 V 0.1 0 0.5 1.0 5.0 10 30
Gmax-Maximum Gain-dB |S21e|2-Insertion Gain-dB
5.0
20 |S21e|2
10
0
VCE = 10 V IC = 20 mA 0.1 0.2 0.4 0.6 0.81.0 2 f-Frequency-GHz
IC-Collector Current-mA
L2SC3356LT1-2/4
LESHAN RADIO COMPANY, LTD.
NOISE FIGURE vs. COLLECTOR CURRENT 7 6
NF-Noise Figure-dB
VCE = 10 V f = 1.0 GHz
|S21e|2-Insertion Gain-dB
18
15
NF-Noise Figure-dB
5 4 3 2 1 0 0.5 1 5 10 50 70
NOISE FIGURE, FORWARD INSERTION GAIN vs. COLLECTOR TO EMITTER VOLTAGE 5 f = 1.0 GHz IC = 20 mA 4 2 |S21e| 3 2 NF 1
12 6
3
0
0
2
4
6
8
10
IC-Collector Current-mA
VCE-Collector to Emitter Voltage-V
L2SC3356LT1-3/4
LESHAN RADIO COMPANY, LTD.
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L2SC3356LT1-4/4


▲Up To Search▲   

 
Price & Availability of L2SC3356LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X